Part Number Hot Search : 
SG86A SG86A V940ME03 09500M19 RSS070 XBXXX 80500 TCR2DG30
Product Description
Full Text Search
 

To Download NCA1206Y5V103K50TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Chip Capacitors
FEATURES * STANDARD EIA 1206 & 0805 PACKAGING * EACH COMPONENT CONTAINS 4 ISOLATED CERAMIC CAPACITORS * AVAILABLE IN A WIDE RANGE OF VALUES AND TEMPERATURE ..COEFFICIENTS
SPECIFICATIONS OPERATING TEMPERATURE CAPACITANCE RANGE VOLTAGE RANGE CAPACITANCE TOLERANCE TEMPERATURE CHARACTERISTICS DIELECTRIC WITHSTANDING VOLTAGE INSULATION RESISTANCE (after 1 minute) DISSIPATION FACTOR NPO -55C~ +125C 10pF ~ 1000pF 5% (J) 030ppm X7R -55C~ +125C 100pF ~ 0.1F SEE VALUES TABLES 10%(K), 20%(M) 15% 2.5 x Rated Voltage for 1 minute >100G < 0.1% >10G < 5% >10G < 7% Y5V -30C~ +85C 0.01F ~ 0.33F +80%/-20% (Z) +30% ~ -80%
NCA Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
STANDARD VALUES AND VOLTAGES
NPO Cap. 16 10pF 22pF 33pF 47pF 68pF 82pF 100pF 220pF 330pF 470pF 680pF 820pF .001F .0022F .0033F .0047F .0068F .0082F .01F .022F .033F .047F .068F .082F 0.1F 0805 Values 25 X7R Y5V Working Voltage (Vdc) 50 100 10 16 25 50 100 16 25 50 * 1206 Values
PART DIMENSIONS (mm)
Series L W H S T B NCA0805 2.00 0.20 1.25 0.20 1.00 max. 0.50 0.10 0.28 0.10 0.25 0.15 NCA1206 3.20 0.20 1.80 0.20 1.30 max. 0.80 0.20 0.40 0.10 0.30 0.20
L B W H Termination: Solder plating over nickel barrier T S
RECOMMENDED LAND PATTERN (mm)
Series NCA0805 NCA1206 A 1.65 0.10 2.60 0.10 B 0.55 0.05 0.80 0.05 C 0.5 0.05 0.8 0.10 D D 0.25 05 0.45 0.1
* X5R TC -55C ~ +85C
A B C
(R)
32
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
PART NUMBER SYSTEM NCA 0805 X7R 103 K 10 TRP F
NCA Series
RoHS compliant
Series
Tape & Reel (Paper carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros, "R" indicates ecimal for under 10pF Temperature Characteristic Size Code (see chart)
TAPE DIMENSIONS (mm)
A0 B0 F G K P0 P1 P2 T W See note 1 3.50 0.05 1.75 0.1 2.50 max. 4.0 0.1 4.0 0.1 2.0 0.05 0.6 max. 8.0 0.3 Note 1 - These dimensions are deterined by the maximum dimensions of the part. Clearance between the sides of the components shall be 0.05mm (min.) and 0.50mm (max). The clearance shall not allow the component to rotate more than 20 within the carrier cavity.
1.50.1 T Po
G P2 F Bo
W
K
Ao
P1
REEL DIMENSIONS (mm)
A
E
B 50 min.
C 13.0 0.2
D 20.2 min.
E 1.5 min.
W 8.4 1.0
178 2.0
C
B
D
W
(R)
A
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
33


▲Up To Search▲   

 
Price & Availability of NCA1206Y5V103K50TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X